PART |
Description |
Maker |
NTAG213 NT2H1311G0DUD NT2H1511G0DUD |
NFC Forum Type 2 Tag compliant IC with 144/504/888 bytes user memory
|
NXP Semiconductors
|
ST2202 |
8 BIT Integrated Microcontroller with 256K Bytes ROM
|
ETC[ETC]
|
Z86L8608PSC Z86L8608SSC |
IR/Low-voltage microcontroller. 8.0 MHz, 32 (KB) ROM, 237 (bytes) RAM, I/O 23, 2.0 V to 3.9 V
|
Zilog
|
ST72T101G1B3 ST72T101G1B6 ST72T101G1M3 ST72T101G1M |
From old datasheet system 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM,256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
STMICROELECTRONICS[STMicroelectronics]
|
MC68HC705P9VDW MC68HC705P9VP MC68HC705P9VS |
Microcontroller, 2104 bytes, 48 bytes EPROM, 128 bytes RAM
|
Motorola
|
ST72T371N4B1 ST72T371N4T1 ST72371N4B1 ST72372J4B1 |
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
|
STMicroelectronics
|
ST72311J2T6S ST72311N2T6S ST72311N4T6S |
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
|
ST Microelectronics
|
ST72212G2 ST72213G1 ST72T101G2 ST72T101G1 |
8-BIT MICROCONTROLLER (MCU) WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WGD, TIMERS, SPI - SO28, SDIP32
|
STMicroelectronics
|
ST72T12 |
8-BIT MICROCONTROLLER (MCU) WITH 8 TO 16 K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI & 2 TIMERS - SDIP42, TQFP44
|
SGS Thomson Microelectronics
|
ST72272 5840 |
8-BIT MCUs WITH 8 TO 16K ROM/OTP/EPROM,384 TO 512 BYTES RAM, ADC, DAC (PWM), TIMER AND I 2 C From old datasheet system
|
STMicro
|
|